PART |
Description |
Maker |
CT674-14 |
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
|
Coto Technology
|
CT774-14 |
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
|
Coto Technology
|
FTD182 |
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS DIODE TRIO DELCO TYPE Repetitive Peak Reverse Voltage VRRM 200
|
FCI connector First Components International
|
RLD16P090B RLD06P075B RLD16P110B RLD16P135B RLD16P |
This new radial leaded products are designed specifi cally for Universal Serial Bus (USB
|
Littelfuse
|
D20SB80 D20SB60 D20SB10 D20SB100 D20SB20 D20SB40 |
Maximum Ratings & Thermal Characteristics Ratings at 25?/a> ambient temperature unless otherwise specified. Maximum Ratings & Thermal Characteristics Ratings at 25∩ ambient temperature unless otherwise specified.
|
LRC[Leshan Radio Company]
|
D25SB60 D25SB10 D25SB80 D25SB100 D25SB20 D25SB40 |
Maximum Ratings & Thermal Characteristics Ratings at 25?/a> ambient temperature unless otherwise specified. MAXIMUM RATINGS & THERMAL CHARACTERISTICS RATINGS AT 25∩ AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED. Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
|
LRC[Leshan Radio Company]
|
1N5242BT 1N5241BT 1N5244BT 1N5239BT 1N5270B 1N5277 |
Absolute Maximum Ratings 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings 16 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Absolute Maximum Ratings 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Absolute Maximum Ratings 2.4 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Absolute Maximum Ratings 14 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zeners
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TC1411EOA TC1411COA713 TC1411CPA TC1411EOA713 TC14 |
The TC1411/1411N are 1A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. ... The TC1411/1411N are 1A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. The
|
Microchip
|
C67078-A1600-A2 BUZ17 |
main ratings
|
SIEMENS AG Siemens Semiconductor Group
|
BUZ221 C67078-A1104-A2 |
main ratings
|
SIEMENS[Siemens Semiconductor Group]
|
BUZ63 |
main ratings
|
SIEMENS AG Siemens Semiconductor Group
|